PART |
Description |
Maker |
SLE22C05S |
16-bit Security Controller with 8-Kbytes ROM, 128 Bytes RAM and 512-Bytes EEPROM(16位安全控制器(B>8-K字节ROM,128 字节RAM12字节EEPROM))
|
SIEMENS AG
|
ELM365SM ELM365 ELM365P |
SECURITY SYSTEM CONTROLLER
|
Electronic Theatre Controls, Inc. ELM[ELM Electronics]
|
SLE44C84S |
8-bit Security Controller with 26-Kbyte ROM, 256-byte RAM, 512-byte XRAM and 8-Kbyte EEPROM(8位安全微控制6K字节ROM,256字节RAM,512字节XRAM,8-K字节EEPROM)) 8位安全控制器6字节ROM56字节RAM12字节XRAM8字节的EEPROM8位安全微控制器(带光6万字节,256字节的RAM12字节XRAM8 -亩字节的EEPROM))
|
SIEMENS AG
|
TW2824 |
4 Channel Video QUAD/MUX Controller For Security Applications
|
TechWell ETC[ETC] N.A. List of Unclassifed Manufacturers
|
TW2834 |
4-Channel Video QUAD/MUX Controller for Security Applications
|
Intersil Corporation
|
SLE66C80S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 8-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 8KB EEPROM))
|
SIEMENS AG
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
AT88SC102NBSP AT88SC102 |
1K EEPROM with Password Security; two 512-bit zones From old datasheet system
|
Atmel corp
|
SLE66C164P SLE66C164P-F7M5 SLE66C164P-T85C SLE66C1 |
Security & Chip Card ICs 安全 CONT BLOCK Replacement Keys (2); Leaded Process Compatible:No; For Use With:Square D XB4 Series 22 mm Pushbutton Switches; Peak Reflow Compatible (260 C):No SECURITY & CHIP CARD ICS
|
INFINEON[Infineon Technologies AG]
|
SLE66C322PM5 SLE66C322P SLE66C322PC SLE66C322P-F7C |
Security & Chip Card ICs 安全 Jack Screw; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 安全 Security & Chip Card ICs
|
INFINEON[Infineon Technologies AG]
|